PART |
Description |
Maker |
S3902 S3903 S3903-1024Q S3903-512Q |
MOSFET, Switching; VDSS (V): 400; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V MOSFET, Switching; VDSS (V): 450; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.43; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption MOSFET, Switching; VDSS (V): 450; ID (A): 22; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: -; Package: TO-3P
|
Hamamatsu Photonics
|
SD1208-50-5 |
CAP AND SAFETY CHANN, BNC
|
Winchester Electronics Corporation
|
CF1/4CM15433J CF1/4CM15430J CF1/4CM15432G CF1/4CM1 |
RESISTOR, CARBON FILM, 0.25 W, 5 %, 450 ppm, 43000 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, CARBON FILM, 0.25 W, 5 %, 450 ppm, 43 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, CARBON FILM, 0.25 W, 2 %, 450 ppm, 4300 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, CARBON FILM, 0.25 W, 2 %, 450 ppm, 43000 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, CARBON FILM, 0.25 W, 2 %, 450 ppm, 43 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, CARBON FILM, 0.25 W, 5 %, 450 ppm, 430 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, CARBON FILM, 0.25 W, 2 %, 1000 ppm, 430000 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, CARBON FILM, 0.25 W, 5 %, 450 ppm, 4300 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, CARBON FILM, 0.25 W, 5 %, 1300 ppm, 4300000 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, CARBON FILM, 0.25 W, 5 %, 1000 ppm, 430000 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, CARBON FILM, 0.25 W, 2 %, 450 ppm, 430 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
|
KOA Speer Electronics,Inc.
|
FK10SM-9 |
HIGH-SPEED SWITCHING USE 10 A, 450 V, 0.92 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
CF1/2LM5203G CF1/2LM5203J |
RESISTOR, CARBON FILM, 0.5 W, 2 %, 450 ppm, 20000 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, CARBON FILM, 0.5 W, 5 %, 450 ppm, 20000 ohm, THROUGH HOLE MOUNT AXIAL LEADED
|
KOA Speer Electronics,Inc.
|
2SK2803 |
Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 3300uF; Voltage: 6.3V; Case Size: 10x25 mm; Packaging: Bulk 3 A, 450 V, 2.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric]
|
2SK1450 |
20 A, 450 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3PB N-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
|
Sanyo
|
IRF420-423 IRF421 IRF422 IRF423 IRF822 MTP2N45 IRF |
N-Channel Power MOSFETs, 3.0 A, 450 V/500 V N沟道功率MOSFET.0甲,450 V/500 V Circular Connector; Body Material:Plastic; Series:Trident TNM Series; Connector Shell Size:14; For Use With:Neptune Circular Connectors N-Channel Power MOSFETs/ 3.0 A/ 450 V/500 V
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
APT6045CVR APT5024BVFR |
POWER MOS V 600V 11.8A 0.450 Ohm Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
|
ADPOW[Advanced Power Technology]
|
APT6045SVR |
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. POWER MOS V 600V 15A 0.450 Ohm
|
Advanced Power Technology Ltd. ADPOW[Advanced Power Technology]
|
MA02203AD-R7 MA02203AD MA02203AD-R13 |
3.6 V, 450 mW DECT RF Power Amplifier IC 3.6 V的,450毫瓦的DECT射频功率放大器IC 100mA Negative uCap LDO Regulator 3.6 V / 450 mW DECT RF Power Amplifier IC
|
NXP Semiconductors N.V. MACOM[Tyco Electronics]
|
|